pb l ead -fr ee ds30412 rev. 3 - 2 1 of 6 ddzx9689ts - ddzx9717ts www.diodes.com diodes incorporated very sharp breakdown characteristics very tight tolerance on v z ideally suited for automated assembly processes very low leakage current lead free by design/rohs compliant (note 5) features maximum ratings @ t a = 25 c unless otherwise specified mechanical data ddzx9689ts - ddzx9717ts triple surface mount precision zener diode array a m j l d b c h k g f kxx ym c 3 c 1 c 2 a 2 a 3 a 1 case: sot-363 case material: molded plastic. ul flammability classification rating 94v-0 moisture sensitivity: level 1 per j-std-020c terminals: finish - matte tin annealed over alloy 42 leadframe. solderable per mil-std-202, method 208 polarity: see diagram marking & type code information: see page 2 & page 6 ordering information: see page 6 weight: 0.006 grams (approx.) t c u d o r p w e n notes: 1. device mounted on fr-4 pc board with recommended pad layout, which can be found on our webs ite at http://www.diodes.com/datasheets/ap02001.pdf. sot-363 dim min max a 0.10 0.30 b 1.15 1.35 c 2.00 2.20 d 0.65 nominal f 0.30 0.40 h 1.80 2.20 j 0.10 k 0.90 1.00 l 0.25 0.40 m 0.10 0.25 0 8 all dimensions in mm characteristic symbol value unit forward voltage @ i f = 10ma v f 0.9 v power dissipation (note 1) p d 200 mw thermal resistance, junction to ambient air (note 1) r ja 625 c/w operating and storage temperature range t j, t stg -65 to +150 c d 1 d 2 d 3 top view
ds30412 rev. 3 - 2 2 of 6 ddzx9689ts - ddzx9717ts www.diodes.com electrical characteristics table 1 @ t a = 25 c unless otherwise specified t c u d o r p w e n notes: 2. nominal zener voltage is measured with the device junction in thermal equilibrium at t t = 30 c 1 c. 3. short duration pulse test used to minimize self-heating effect. type number type code zener voltage range (note 2) maximum reverse leakage current (note 3) v z @ i zt i zt i r @ v r nom (v) min (v) max (v) a a v ddzx9689ts hh 5.1 4.85 5.36 50 5 3 ddzx9690ts hj 5.6 5.32 5.88 50 2 4 ddzx9691ts hk 6.2 5.89 6.51 50 1 5 ddzx9692ts hl 6.8 6.46 7.14 50 0.1 5.1 ddzx9693ts hm 7.5 7.13 7.88 50 0.1 5.7 ddzx9694ts hn 8.2 7.79 8.61 50 0.1 6.2 ddzx9696ts hp 9.1 8.65 9.56 50 0.1 6.9 ddzx9697ts hq 10 9.50 10.50 50 0.1 7.6 ddzx9698ts hr 11 10.45 11.55 50 0.05 8.4 ddzx9699ts hs 12 11.40 12.60 50 0.05 9.1 ddzx9700ts ht 13 12.35 13.65 50 0.05 9.8 ddzx9701ts hu 14 13.30 14.70 50 0.05 10.6 ddzx9702ts hv 15 14.25 15.75 50 0.05 11.4 ddzx9703ts hw 16 15.20 16.80 50 0.05 12.1 ddzx9705ts hy 18 17.10 18.90 50 0.05 13.6 ddzx9707ts md 20 19.00 21.00 50 0.05 15.2 ddzx9708ts me 22 20.90 23.10 50 0.05 16.7 ddzx9709ts mf 24 22.80 25.20 50 0.05 18.2 ddzx9711ts mh 27 25.65 28.35 50 0.05 20.4 ddzx9712ts mj 28 26.60 29.40 50 0.05 21.2 ddzx9713ts mk 30 28.50 31.50 50 0.05 22.8 ddzx9714ts ml 33 31.35 34.65 50 0.05 25.0 ddzx9715ts mm 36 34.20 37.80 50 0.05 27.3 ddzx9716ts mn 39 37.05 40.95 50 0.05 29.6 ddzx9717ts mo 43 40.85 45.15 50 0.05 32.6
ds30412 rev. 3 - 2 3 of 6 ddzx9689ts - ddzx9717ts www.diodes.com t c u d o r p w e n 0 0.2 0.4 0.6 0.8 1.2 1.0 i , instantaneous forward current (ma ) f v , instantaneous forward voltage (v) f fi g .2 t y pical forward characteristics 100 10 1.0 0.1 0.01 1000 8.0 11.0 13.0 15.0 i,zener c urrent ( a ) z v , zener breakdown voltage (v) z fig. 5 typical reverse characteristics, ddx9696ts - ddzx9701ts 10.0 12.0 14.0 1m 100n 10m 100m ddzx9697ts ddzx9696ts ddzx9700ts ddzx9701ts ddzx9698ts ddzx9699ts 0 40 80 120 160 200 25 050 75 100 125 150 p , power dissipation (mw) d t , ambient temperature ( c) a fi g . 1 power dissipation vs ambient temperature 2 4 0 1m 100n 10m 100m 3.0 5.0 7.0 9.0 i,zener c urrent ( a ) z v , zener breakdown voltage (v) z fig. 4 typical reverse characteristics, ddzx9692ts - ddzx9694t s 4.0 6.0 8.0 ddzx9692ts ddzx9694ts ddzx9693ts 10n 100n 1m 05 i , zener current (a) z v , zener breakdown voltage (v) z fi g . 3 t y pical reverse characteristics 10m 100m 10 15 20 25 30 35 40 45 9692ts 9693ts 9694ts 9696ts 9697ts 9698ts 9699ts 9700ts 9701ts 9703ts 9702ts 9705ts 9707ts 9708ts 9709ts 9711ts 9714ts 9716ts 9717ts
ds30412 rev. 3 - 2 4 of 6 ddzx9689ts - ddzx9717ts www.diodes.com t c u d o r p w e n 19 21 23 25 i , zener current (a) z v , zener breakdown voltage (v) z fig. 7 typical reverse characteristics, ddzx9707ts - ddzx9709ts 20 22 24 ddzx9708ts 1m 100n 10m 100m ddzx9707ts ddzx9709ts 26 30 34 38 i , zener current (a) z v , zener breakdown voltage (v) z fig. 8 typical reverse characteristics, ddzx9711ts - ddzx9715ts 28 32 36 ddzx9711ts ddzx9714ts 1m 100n 10m 100m ddzx9715ts 38 42 46 50 i , zener current (a) z v , zener breakdown voltage (v) z fig. 9 typical reverse characteristics, ddzx9716ts - ddzx9717ts 40 44 48 ddzx9716ts 1m 100n 10m 100 m ddzx9717ts 0.1 10 100 1 1000 10 , 000 2 3 4 5 6 7 v , zener voltage (v) z fig. 10 typical zener impedance characteristics, ddzx9689ts - ddzx9692ts i = 20ma z i = 1ma z i = 5ma z 0.1 10 100 1 1000 10 , 000 7 8 9 10 11 12 v , zener voltage (v) z fig. 11 typical zener impedance characteristics, ddzx969 3 ts - ddzx9699ts i = 20ma z i = 1ma z i = 5ma z 14 16 18 20 i , zener current (a) z v , zener breakdown voltage (v) z fig. 6 typical reverse characteristics, ddzx9702ts - ddzx9705ts 15 17 19 ddzx9703ts 1m 100n 10m 100m ddzx9705ts ddzx9702ts
ds30412 rev. 3 - 2 5 of 6 ddzx9689ts - ddzx9717ts www.diodes.com t c u d o r p w e n 0.1 10 100 1 1000 10 , 000 34 36 38 40 42 44 48 46 v , zener voltage (v) z fig. 15 typical zener impedance characteristics, ddzx9715ts - ddzx9717ts i = 2ma z 0.1 10 100 1 1000 10 , 000 24 26 28 30 32 34 v , zener voltage (v) z fig. 14 typical zener impedance characteristics, ddzx9709ts - ddzx9714ts i = 2ma z -0.08 0.12 -0.04 -0.06 0610 tc of v , temperature c o efficient z of zener voltage (%/c) v , zener voltage (v) z fig. 16 typical temperature coefficient of zener voltage vs. zener voltage, ddzx9692ts - ddzx9697ts 4 2 8 -0.02 0 0.02 0.04 0.06 0.08 0.10 i = 5ma zt 0.1 10 100 1 1000 10 , 000 18 19 20 21 22 23 24 v , zener voltage (v) z fig. 13 typical zener impedance characteristics, ddzx9705ts - ddzx9709ts i = 5ma z i = 1ma z -0.08 0.12 -0.04 -0.06 10 16 20 tc of v , temperature c o efficient z of zener voltage (%/c) v , zener voltage (v) z fig. 17 typical temperature coefficient of zener voltage vs. zener voltage, ddzx9697ts - ddzx9707ts 14 12 18 -0.02 0 0.02 0.04 0.06 0.08 0.10 i = 5ma zt 0.1 10 100 1 1000 10 , 000 12 13 14 15 16 17 18 v , zener voltage (v) z fig. 12 typical zener impedance characteristics, ddzx9699ts - ddzx9705ts i = 5ma z i = 1ma z
ds30412 rev. 3 - 2 6 of 6 ddzx9689ts - ddzx9717ts www.diodes.com t c u d o r p w e n -0.08 0 . 12 -0.04 -0.06 30 42 50 tc of v , temperature coefficient z of zener voltage (%/c) v , zener voltage (v) z fig. 19 typical temperature coefficient of zener volta g e, ddz9713s - ddz9716s 38 34 46 -0.02 0 0.02 0.04 0.06 0.08 0.10 i = 2ma zt -0.08 0 . 12 -0.04 -0.06 20 26 30 tc of v , temperature coefficient z of zener voltage (%/c) v , zener voltage (v) z fig. 18 typical temperature coefficient of zener volta g e, ddzx9707ts - ddzx9713ts 24 22 28 -0.02 0 0.02 0.04 0.06 0.08 0.10 i = 5ma zt i = 2ma zt c , total capacitance (pf) t 1 10 100 10 100 1 v , nominal zener voltage (v) z fig. 20 total capacitance vs nominal zener voltage t=25c j f=1mhz v=2v r v=1v r device packaging shipping (type number)-7* sot-363 3000/tape & reel ordering information * example: the part number for the 6.2 volt device would be ddzx9691ts-7. note : 4. for packaging details, go to our website at http://www.diodes.com/datasheets/ap02007.pdf. 5. no purposefully added lead. marking information kxx = product type marking code (see table 1) ym = date code marking y = year ex: p = 2003 m = month ex: 9 = september kxx ym (note 4) month jan feb march apr may jun jul aug sep oct nov dec code 1234567 89 o nd year 2003 2004 2005 2006 2007 2008 2009 code pr stuvw date code key
|